Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 17Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 20Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 21Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
18
______________________________________________________________________________________
The modulator is not needed. Leave TC and MODSET
open. Connect IN+ to VCC, IN- to REF, and leave OUT+
and OUT– open.
Wirebonding Die
The MAX3286/MAX3296 series uses bondpads with gold
metalization. Make connections to the die with gold wire
only, using ball-bonding techniques. Wedge bonding is
not recommended. Bondpad size is 4 mil square. Die
thickness is typically 15 mils (0.38mm).
Interface Models
Figures 14–18 show typical input/output models for the
MAX3286/MAX3296 series of laser drivers. If dice are
used, replace the package parasitic elements with
bondwire parasitic elements.
4kΩ
2.5kΩ
VCC
FAULT, FAULT, POR
MAX3286
MAX3296
Figure 14. Logic Outputs
10kΩ
550Ω
60Ω
VCC
SHDNDRV
MAX3286
MAX3296
Figure 15. SHDNDRV Output
PACKAGE
VCC
VCC
1.5nH
OUT-
0.2pF
1.5nH
0.2pF
OUT+
50Ω
50Ω
PACKAGE
1pF
1pF
Figure 16. Modulator Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com