Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 20Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 21Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 22Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 23Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 24Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 25Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 26Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
______________________________________________________________________________________
23
Typical Application Circuits (continued)
POL
IN-
POL
FLTDLY
FAULT
FAULT
POR
EN
EN
IN+
OUT-
OUT+
MD
REF
MON
MODSET
TC
GND
SHDNDRV
BIASDRV
PORDLY
VCC
115Ω
+3.0V TO +5.5V
FERRITE
BEAD
NPN
TRANSISTOR
25Ω
0.01µF
RTC
RMOD
RSET
RDEG
0.01µF
0.01µF
CCOMP
DATA
INPUT
LV
VCC
RCOMP
0.01µF
VCC
MAX3286
MAX3296
0.01µF
CBIASDRV
0.1µF
MAX3286/MAX3296
COMMON-ANODE LASER
WITH PHOTODIODE
0.01µF
0.01µF
18Ω
IN-
FLTDLY
IN+
OUT-
OUT+
MD
REF
MODSET
TC
GND
SHDNDRV
BIASDRV
VCC
115Ω
+3.0V TO +5.5V
FERRITE
BEAD
PNP
TRANSISTOR
25Ω
0.01µF
RTC
RMOD
RSET
RDEG
0.01µF
0.01µF
CCOMP
DATA
INPUT
CBIASDRV
0.1µF
RCOMP
0.01µF
MAX3287
MAX3297
MAX3287/MAX3297
COMMON-CATHODE VCSEL
WITH PHOTODIODE
VCC
VCC
0.01µF
0.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com