Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 17Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
______________________________________________________________________________________
15
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
VCC
VCC
MAX3286/96
ONLY
SHDNDRV
CBIASDRV
BIASDRV
MON
LASER
Q1
POL
MD
POWER-CONTROL
AMPLIFIER
IBIAS
ID
FERRITE
BEAD
B1
MONITOR
DIODE
1.7V
SMOOTH-
START
VCC
VCC
RDEG
RSET
POL
MAX3286
MAX3289
MAX3296
MAX3299
Figure 12. Common Anode with Photodiode
The relationship between laser bias current and RMON
is shown in Figure 11. The remaining discrete compo-
nents used with the common cathode without photodi-
ode configuration are as follows:
Q1 = general-purpose PNP, β >100, ft > 5MHz
B1 = ferrite bead (see the Bias Filter section)
M1 = general-purpose PMOS device (optional)
CBIASDRV = 0.1µF (typ)
Common Anode with Photodiode
In the common-anode configuration with photodiode, a
servo control loop is formed by an external NPN transis-
tor (Q1), the laser diode, the monitor diode, RSET, and
the power-control amplifier. The voltage at MD is stabi-
lized to 1.7V. The monitor photodiode current is set by
ID = VMD / RSET (Figure 12). Determine the desired mon-
itor current (ID), then select RSET = 1.7V / ID.
CBIASDRV and a degeneration resistor (RDEG) must be
connected to the bias transistor (in this case NPN) to
obtain the desired APC loop time constant. This
improves power-supply (and ground) noise rejection. A
capacitance of 0.1µF is sufficient to obtain time con-
stants of up to 5µs in most cases. The voltage across
RDEG should not be larger than 250mV at maximum bias
current.
The discrete components used with the common anode
with photodiode configuration are summarized as follows:
RSET = 1.7 / ID
CBIASDRV = 0.1µF (typ)
RDEG = 0.25 / IBIAS(MAX)
Q1 = general-purpose NPN, β > 100, ft > 5MHz
B1 = ferrite bead (see the Bias Filter section)
M1 = general-purpose PMOS (optional)
Programming POR Delay
A capacitor can be added to PORDLY to increase the
delay for which POR is asserted low (meaning that VCC
is within the operational range) when powering up the
part.
The delay is approximately:
See the Typical Operating Characteristics.
t
C
s
PORDLY
=
()
[]
−
14 10
6
.
100
0.1
10
1k
10k
1
10
RMON (Ω)
100
RSET = 1kΩ
RMD = 5kΩ
Figure 11. Common Cathode without Photodiode Laser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com