Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 17Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
Q1 = general-purpose PNP, β >100, ft > 5MHz
B1 = ferrite bead (see Bias Filter section)
M1 = general-purpose PMOS device (optional)
Common Cathode with Current Feedback
In the common-cathode configuration with current feed-
back, a servo control loop is formed by an external PNP
transistor (Q1), RMON, the controlled-reference voltage
block, RSET, RMD, and the power-control amplifier
(Figure 10). The voltage at MD is stabilized to 1.7V. The
voltage at MON is set by the resistors RSET and RMD.
As in the short-wavelength configuration, a 0.1µF
CBIASDRV connected between BIASDRV and VCC is
sufficient to obtain an approximate 1µs APC loop time
constant. This improves power-supply noise rejection.
To select the external components:
1) Determine the required laser bias current
IBIAS = ITH + IMOD / 2
2) Select RMD and RSET.
Maxim recommends RSET = 1kΩ, RMD = 5kΩ, which
results in VCC - VMON ≈ 250mV.
3) Select RMON where RMON = 250mV / IBIAS, assuming
RSET = 1kΩ and RMD = 5kΩ.
VCC
VCC
RDEG
VCC
CONTROLLED REFERENCE VOLTAGE
VREF = 2.65V
REF
ONLY
MAX3286/96
SHDNDRV
CBIASDRV
BIASDRV
MON
M1
Q1
POL
MD
POWER-CONTROL
AMPLIFIER
LASER
IBIAS
PHOTO
DIODE
ID
FERRITE
BEAD
B1
1.7V
SMOOTH-
START
VCC
RSET
POL
MAX3286
MAX3287
MAX3296
MAX3297
Figure 9. Common-Cathode Laser with Photodiode
VCC
RMON
VCC
CONTROLLED REFERENCE VOLTAGE
VREF = 2.65V - 2.25V (VCC - VMON)
REF
MAX3286/96
ONLY
SHDNDRV
CBIASDRV
BIASDRV
MON
M1
Q1
POL
MD
POWER-CONTROL
AMPLIFIER
IBIAS
ID
FERRITE
BEAD
B1
1.7V
SMOOTH-
START
VCC
RSET
RMD
POL
MAX3286
MAX3288
MAX3296
MAX3298
LASER
Figure 10. Common Cathode with Current Feedback (PNP Configuration)
14
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com