Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 17Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 20Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
______________________________________________________________________________________
17
PIN NAME
CIRCUIT RESPONSE TO OVERVOLTAGE OR
SHORT TO VCC
CIRCUIT RESPONSE TO UNDERVOLTAGE OR
SHORT TO GROUND
EN
Normal condition for circuit operation
Fault state* occurs
Does not affect laser power
FAULT
Does not affect laser power
Does not affect laser power
POR
Does not affect laser power
Normal condition for circuit operation
EN
Fault state* occurs
Fault state* occurs
PORDLY
Does not affect laser power
Fault state* occurs if VCC is less than +4.5V
LV
Does not affect laser power
If POL is a TTL LOW, a fault state* occurs; other-
wise, the circuit is in normal operation
POL
If POL is a TTL HIGH, a fault state* occurs; other-
wise, the circuit is in normal operation
MON
(also MAX3288/
MAX3298)
In common cathode without photodiode configura-
tion, a fault state* occurs; otherwise, does not affect
laser power
Fault state* occurs
If POL is a TTL LOW, a fault state* occurs; other-
wise, the circuit is in normal operation
POL
If POL is a TTL HIGH, a fault state* occurs; other-
wise, the circuit is in normal operation
Does not affect laser power
SHDNDRV
(also MAX3287/
MAX3297/MAX3289/
MAX3299
Does not affect laser power. If optional FET is used,
the laser output is shut off.
FLTDLY
Any fault that occurs cannot be reset. Does not
affect laser power.
Does not affect laser power
Does not affect laser power
IN+, IN-
Does not affect laser power
In common-cathode configurations, a fault state*
occurs; otherwise, does not affect laser power
REF
Fault state* occurs
Fault state* occurs
MD
Fault state* occurs
OUT+, OUT-
Does not affect laser power
Does not affect laser power
Fault state* occurs
MODSET
Does not affect laser power
In common-anode configurations, the laser bias
current is shut off. In common cathode, high laser
power triggers a fault state.* Shutdown occurs if a
shutdown FET (M1) is used (Figures 9, 10).
BIASDRV
In common-cathode configurations, the laser bias
current is shut off. In common anode, high laser
power triggers a fault state.* Shutdown occurs if a
shutdown FET (M1) is used. If shutdown FET is not
used, other means must be used to prevent high
laser power.
Fault state* occurs
TC
Does not affect laser power
Table 5. Circuit Response to Various Single-Point Faults
*A fault state asserts the FAULT pins, disables the modulator outputs, disables the bias output, and asserts the SHDNDRV pin.
FAULT
Does not affect laser power
Does not affect laser power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com