Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 20Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 21Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 22Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 23Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 24Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 25Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
22
______________________________________________________________________________________
Typical Application Circuits
POL
IN-
POL
FLTDLY
FAULT
FAULT
POR
EN
EN
IN+
OUT-
OUT+
MD
REF
MON
MODSET
TC
GND
SHDNDRV
BIASDRV
PORDLY
VCC
115Ω
+3.0V TO +5.5V
FERRITE
BEAD
PMOSFET
(OPTIONAL)
PNP
TRANSISTOR
25Ω
0.01µF
RTC
RMOD
RSET
0.01µF
0.01µF
CCOMP
DATA
INPUT
CBIASDRV
0.1µF
LV
VCC
RCOMP
0.01µF
VCC
MAX3286
MAX3296
0.01µF
MAX3286/MAX3296
COMMON-CATHODE VCSEL
WITH PHOTODIODE
0.01µF
0.01µF
POL
IN-
POL
FLTDLY
FAULT
POR
EN
EN
IN+
OUT-
OUT+
MD
REF
MODSET
TC
GND
BIASDRV
PORDLY
VCC
115Ω
+3.0V TO +5.5V
FERRITE
BEAD
PNP
TRANSISTOR
25Ω
0.01µF
RTC
RMOD
RSET
1kΩ
0.01µF
0.01µF
CCOMP
DATA
INPUT
CBIASDRV
0.1µF
LV
VCC
RCOMP
0.01µF
VCC
MAX3286
MAX3296
0.01µF
MON
RMON
SHDNDRV
RMD
5kΩ
FAULT
MAX3286/MAX3296
COMMON-CATHODE VCSEL
WITHOUT PHOTODIODE
0.01µF
0.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com