Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
10
______________________________________________________________________________________
impedance). This ensures that the PNP or NPN transistor
is turned off, removing the laser-bias current. (See the
Applications Information section.)
The REF pin provides a controlled reference voltage
dependent upon the voltage at MON. The voltage at REF
is VREF = 2.65 - 2.25(VCC - VMON). A resistor connected
at REF determines the laser power when APC is used
with common-cathode lasers. See the Design Procedure
section for information about setting the laser power.
Modulation Circuitry
The modulator circuitry consists of an input buffer, current
generator, and high-speed current switch (Figure 4). The
modulator drives up to 30mA of modulation current into
a 25Ω load.
Many of the modulator performance specifications
depend on the total modulator current (IOUT) (Figure 1a).
To ensure good driver performance, the voltage at
OUT+ and OUT- must not be less than VCC - 1V.
The amplitude of the modulation current is set with
resistors at the MODSET and temperature coefficient (TC)
pins. The resistor at MODSET (RMOD) programs the
temperature-stable portion of modulation current, while
the resistor at TC (RTC) programs the temperature-
increasing portion of the modulation current. Figure 5
shows modulation current as a function of temperature
for two extremes: RTC is open (the modulation current
has zero temperature coefficient) and RMOD is open
(the modulation temperature coefficient is 4000ppm).
Intermediate tempco values of modulation current can
be obtained as described in the Design Procedure sec-
tion. Table 3 is the RTC and RMOD selection table.
Safety Circuitry
The laser driver can be used with two popular safety
systems. APC maintains laser safety using local feed-
back. Safety features monitor laser driver operation and
SMOOTH-
START
POLARITY_FAULT
ENABLE
WINDOW
COMPARATOR
MD
FAULT
REF_FAULT
MONITOR_FAULT
VCC - 540mV
BIASDRV
MON
POL
POL
MD
REF
POWER-
CONTROL
AMPLIFIER
+1.7V
CONTROLLED REFERENCE VOLTAGE
VREF = 2.65 - 2.25 (VCC - VMON)
+1.97V
2.95V
+1.53V
GLITCH
REJECT
ENABLE
Figure 3. Bias Generator Circuitry
VCC
CURRENT
SWITCH
INPUT
BUFFER
OUT+
OUT-
IN+
IN-
50Ω
50Ω
400Ω
400Ω
VCC - 0.3V
CURRENT AMPLIFIER
4000ppm/°C
REFERENCE
ENABLE
0.8V
TC
MODSET
RTC
RMOD
0.8V
TC_FAULT
MOD_FAULT
MODULATION CURRENT
GENERATOR
1.2V
REFERENCE
MAX3286
MAX3296
Figure 4. Laser Modulator Circuitry
53.6
1.69
RMOD
(kΩ)
RTC
(kΩ)
IMOD = 15mA
11.5
26.7
3500
162
RMOD
(kΩ)
RTC
(kΩ)
IMOD = 30mA
RMOD
(kΩ)
IMOD = 5mA
3.65
RTC
(kΩ)
TEMPCO
(ppm/°C)
8.06
3.16
11.3
2.49
18.7
2.0
20.0
4.12
2000
24.9
5.76
2500
16.2
9.53
3000
34.8
13.3
57.6
6.49
5.23
4.32
4.22
13.3
5.11
6.49
6.19
4.32
80.6
2.26
500
13.3
2.67
1000
40.2
3.24
1500
15.8
26.7
19.1
26.7
13.3
8.87
Table 3. RTC and RMOD Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com