Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
QFN/
THIN QFN
MAX3286
MAX3296
TQFP
MAX3286
MAX3296
TSSOP-EP
MAX3287
MAX3297
MAX3289
MAX3299
TSSOP-EP
MAX3288
MAX3298
NAME
FUNCTION
8922
FLTDLY
Fault Delay Input. Determines the delay of
the FAULT and
FAULT outputs. A capacitor
attached to FLTDLY ensures proper startup
(see the Typical Operating Characteristics) .
FLTDLY = GND: holds FAULT low and
FAULT high. When FLTDLY = GND, EN =
high,
EN = low, and VCC is within the
operational range, the safety circuitry is
inactive.
910
—
—
LV
Low-Voltage Operation. Connect to GND for
4.5V to 5.5V operation. Leave open for 3.0V
to 5.5V operation (Table 2).
10, 22, 23,
26
11, 25, 26,
29
3, 11, 14
3, 11, 14
VCC
Supply Voltage
11
12
4
4
IN+
Noninverting Data Input
12
13
5
5
IN-
Inverting Data Input
14
15
7
7
REF
Reference Voltage. A resistor connected at
REF to MD determines the laser power when
APC is used with common-cathode lasers.
15
17
—
—
POL
Polarity Input. POL is used for programming
the laser-pinning polarity (Table 4).
16
18
—
—
POL
Inverting Polarity Input.
POL is used for
programming the laser-pinning polarity
(Table 4).
17
20
8
8
MD
Monitor Diode Connection. MD is used for
automatic power control.
18
21
—
9
MON
Laser Bias Current Monitor. Used for
programming laser bias current in VCSEL
applications.
20
23
9
—
SHDNDRV
Shutdown Driver Output. Provides a
redundant laser shutdown.
21
24
10
10
BIASDRV
Bias-Controlling Transistor Driver. Connects
to the base of an external PNP or NPN
transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com