Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
_______________________________________________________________________________________
7
MD
FAULT CONDITION
VCC
VMD > 1.15 ✕ VMD(nom),
VMD < 0.85 ✕ VMD(nom)
LV = GND and VCC < 4.5V
REF
EN and EN
VREF > 2.95V
PIN
POL and POL
EN = low or open, EN = high or open
POL = POL
MON
VMON < VCC - 540mV
Table 1. Typical Fault Conditions
>4.5
Grounded
>3.0
Open
OPERATING VOLTAGE
RANGE (V)
LV
Table 2. LV Operating Range
MODSET
and TC
VMODSET and VTC ≤ 0.8V
Pin Description (continued)
PIN
QFN/
THIN QFN
MAX3286
MAX3296
TQFP
MAX3286
MAX3296
TSSOP-EP
MAX3287
MAX3297
MAX3289
MAX3299
TSSOP-EP
MAX3288
MAX3298
NAME
FUNCTION
24
27
12
12
OUT+
Modulation-Current Output. See the Typical
Application Circuits.
25
28
13
13
OUT-
Modulation-Current Output. See the Typical
Application Circuits.
27
31
15
15
MODSET
Modulation-Current Set. The resistor at
MODSET programs the temperature-stable
component of the laser modulation current.
28
32
16
16
TC
Temperature-Compensation Set. The resistor
at TC programs the temperature-increasing
component of the laser modulation current.
EP
—
EP
EP
Exposed
Pad
Ground. This must be soldered to the circuit
board ground for proper thermal
performance. See Layout Considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com