Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 17Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 18Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 19Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 20Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 21Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 22Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 23Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
20
______________________________________________________________________________________
*Dice are designed to operate from TJ = 0°C to +110°C, but are
tested and guaranteed only at TA = +25°C.
**Exposed pad.
***Package Code: G2855-1
****Package Code: T2855-7
+Denotes Lead-Free Package.
Selector Guide
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX3286C/D
0°C to +70°C
Dice*
MAX3287CUE
0°C to +70°C
16 TSSOP-EP**
MAX3288CUE
0°C to +70°C
16 TSSOP-EP**
MAX3289CUE
0°C to +70°C
16 TSSOP-EP**
MAX3296CTI+
0°C to +70°C
28 Thin QFN
(5mm x 5mm)****
MAX3296CGI
0°C to +70°C
28 QFN
(5mm x 5mm)***
MAX3296CHJ
0°C to +70°C
32 TQFP
(5mm x 5mm)
MAX3296C/D
0°C to +70°C
Dice*
MAX3297CUE
0°C to +70°C
16 TSSOP-EP**
MAX3298CUE
0°C to +70°C
16 TSSOP-EP**
MAX3299CUE
0°C to +70°C
16 TSSOP-EP**
DATA RATE/DEVICE
LASER CONFIGURATION
COMMON
ANODE
WITH
PHOTODIODE
COMMON
CATHODE
WITH
PHOTODIODE
COMMON
CATHODE
WITH
PHOTODIODE
1.25Gbps
2.5Gbps
Longwave
Shortwave or
VCSEL
VCSEL
PACKAGE
MAX3286
MAX3296
✓✓
✓
32 TQFP/28 QFN/
28 Thin QFN/Dice
MAX3287
MAX3297
✓
16 TSSOP-EP
MAX3288
MAX3298
✓
16 TSSOP-EP
MAX3289
MAX3299
✓
16 TSSOP-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com