Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
12
______________________________________________________________________________________
2) EN is switched low, then high.
3) EN is switched to high, then low.
Power-On Reset (POR)
Figure 7 shows the POR circuit for the MAX3286/
MAX3296 series devices. A POR signal asserts low
when VCC is in the operating range. The voltage operat-
ing range is determined by the LV pin, as shown in
Table 2. POR contains an internal delay to reject noise
on VCC during power-on or hot-plugging. The delay can
be extended by adding capacitance to the PORDLY
pin. The POR comparator includes hysteresis to improve
noise rejection. The laser driver is shut down while VCC
is out of the operating range.
Design Procedure
Select Laser
Select a communications-grade laser with a rise time of
260ps or better for 1.25Gbps, or 130ps or better for
2.5Gbps applications. To obtain the MAX3286/
MAX3296’s AC specifications, the instantaneous output
voltage at OUT+ must remain above VCC - 1V at all
times. Select a high-efficiency laser that requires low
modulation current and generates low-voltage swing at
OUT+. Laser package inductance can be reduced by
trimming the leads. Typical package leads have induc-
tance of 25nH/in (1nH/mm); this inductance causes a
larger voltage swing across the laser. A compensation fil-
ter network also can be used to reduce ringing, edge
speed, and voltage swing.
Programming the Modulation Current
Resistors at the MODSET and TC pins set the ampli-
tude of the modulation current. The resistor RMOD sets
the temperature-stable portion of the modulation cur-
rent, while the resistor RTC sets the temperature-
increasing portion of the modulation current.
To determine the appropriate temperature coefficient
from the slope efficiency (α) of the laser, use the following
equation:
where α is the slope of the laser output power to the
laser current.
For example, suppose a laser has a slope efficiency
α25 of 0.021mW/mA at +25°C, which reduces to
0.018mW/mA at +70°C. Using the above equation pro-
duces a laser tempco of -3175ppm/°C.
To obtain the desired modulation current and tempco
for the device, the following two equations can be used
to determine the required values of RMOD and RTC:
where tempco = -laser tempco.
Figure 8a shows a family of curves derived from these
equations. The straight diagonal lines depict constant
tempcos. The curved lines represent constant modula-
tion currents. If no temperature compensation is
desired, Figure 8b displays a series of curves that
show laser modulation current with respect to RMOD for
different loads.
The following useful equations were used to derive
Figure 8a and the equations at the beginning of this
section. The first assumes RL = 25Ω.
Programming the Bias Current/APC
Three application circuits are described below: com-
mon-cathode laser with photodiode, common-cathode
laser without photodiode, and common-anode laser
II
I
tempco
C
C A
MOD
C
MOD
C
MOD
C
()
()
()
()(
–
)
70
25
25
70
25
°°
°
=+
°°
[]
I
RR
TC
A
MOD
MOD
TC
=×
+
Ω
+
+
Ω
×
+×
°
()
[]
−
51
115
250
106
250
14 0
10
25
3
..
.–
R
R
empco
empco
MOD
TC
=
+
Ω
×
−
×
−Ω
()
(.
)
250
52
019 48
250
t
t
R
tempco I
TC
MOD
=
()
−Ω
021
250
.
Laser tempco =
−
° −
°
°
[]
×
αα
α
70
25
25
6
70
25
10
()
/
CC
ppm C
VCC
PORDLY
POR
1.2V
36kΩ
25kΩ
28kΩ
LV
VARIABLE
DELAY
BANDGAP
= 0.7s/µF CPORDLY
MAX3286
MAX3296
Figure 7. Power-On Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com