Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3286C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
POR DELAY vs. CPORDLY
CAPACITANCE (pF)
10,000
100,000
1
10
100
1000
100
1000
10,000
10
100,000
FLTDLY DURATION vs. CFLTDLY
CAPACITANCE (pF)
10,000
1
10
100
1000
100
1000
10,000
10
1
Note 1: Common-anode configuration refers to a configuration where POL = GND, POL = VCC, and an NPN device is used to set
the laser bias current. Common-cathode configuration refers to a configuration where POL = VCC, POL = GND, and a PNP
device is used to set the laser bias current.
Note 2: Deterministic jitter measured with a repeating K28.5 bit pattern 00111110101100000101. Deterministic jitter is the peak-to-
peak deviation from the ideal time crossings per ANSI X3.230, Annex A.
Note 3: For Fibre Channel and Gigabit Ethernet applications, the peak-to-peak random jitter is 14.1 times the RMS jitter.
Note 4: Delay from a fault on MD until FAULT is asserted high.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +5.5V, TA = 0°C to +70°C, unless otherwise noted. Typical values are at VCC = +3.3V, RTC = open and TA = +25°C;
see Figure 1a.)
MAX3286/MAX3296 only, Figure 1b,
CFLTDLY = open
CFLTDLY = 270pF
CFLTDLY = 0
MAX3286/MAX3296 only, Figure 1b
MAX3286/MAX3296 only, Figure 1b
CONDITIONS
ns
610
tEN_RESET
EN or EN Minimum Pulse Width
Required to Reset a Latched
Fault
100
140
µs
0.2
1
tFLTDLY
FLTDLY Duration
µs
3.5
5.5
tSHUTDN
SHDNDRV Asserted after EN =
Low or EN = High
µs
12
tRESET
FAULT Reset after EN, EN, or
POR Transition
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
EYE DIAGRAM
50ps/div
2.5Gbps, 1310nm LASER, 27 - 1 PRBS, IMOD = 15mA
MAX3286/MAX3296 only, Figure 1b,
CFLTDLY = 0.01µF
6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com