Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LC658T-E/CL Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC18LC658T-E/CL
Description  High-Performance Microcontrollers with CAN Module
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LC658T-E/CL Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC18LC658T-E/CL Datasheet HTML 97Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 98Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 99Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 100Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 101Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 102Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 103Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 104Page - Microchip Technology PIC18LC658T-E/CL Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 366 page
background image
 2000 Microchip Technology Inc.
Advanced Information
DS30475A-page 101
PIC18CXX8
8.7
PORTG, LATG, and TRISG Registers
PORTG is a 5-bit wide, bi-directional port. The corre-
sponding Data Direction register is TRISG. Setting a
TRISG bit (=1) will make the corresponding PORTG pin
an input (i.e., put the corresponding output driver in a
hi-impedance mode). Clearing a TRISG bit (=0) will
make the corresponding PORTG pin an output (i.e., put
the contents of the output latch on the selected pin).
Read-modify-write operations on the LATG register
read and write the latched output value for PORTG.
Pins RG0-RG2 on PORTG are multiplexed with the
CAN peripheral. Refer to "CAN Module", Section 17.0
for proper settings of TRISG when CAN is enabled.
EXAMPLE 8-7:
INITIALIZING PORTG
FIGURE 8-12: RG0/CANTX0 PIN BLOCK DIAGRAM
CLRF
PORTG
; Initialize PORTG by
; clearing output
; data latches
CLRF
LATG
; Alternate method
; to clear output
; data latches
MOVLW
0x04
; Value used to
; initialize data
; direction
MOVWF
TRISG
; Set RG1:RG0 as outputs
; RG2 as input
; RG4:RG3 as outputs
Data
Latch
TRIS Latch
RD TRISG
P
VSS
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
N
VDD
0
1
RD PORTG
WR TRISG
Data Bus
I/O Pin
TXD
ENDRHI
OPMODE2:OPMODE0=000
Schmitt
Trigger
RD LATG
WR PORTG or
WR LATG
OPMODE2:OPMODE0 = 000
Note:
I/O pins have diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com