Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 126 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 126 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 122Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 123Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 124Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 125Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 126Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 127Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 128Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 129Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 200 page
background image
PIC16C77X
DS30275A-page 126
Advance Information
© 1999 Microchip Technology Inc.
11.10
A/D Operation During Sleep
The A/D module can operate during SLEEP mode. This
requires that the A/D clock source be configured for RC
(ADCS1:ADCS0 = 11b).
With the RC clock source
selected, when the GO/DONE bit is set the A/D module
waits one instruction cycle before starting the conver-
sion cycle. This allows the SLEEP instruction to be exe-
cuted, which eliminates all digital switching noise
during the sample and conversion. When the conver-
sion cycle is completed the GO/DONE bit is cleared,
and the result loaded into the ADRESH and ADRESL
registers. If the A/D interrupt is enabled, the device will
wake-up from SLEEP. If the A/D interrupt is not
enabled, the A/D module will then be turned off,
although the ADON bit will remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction causes the present conver-
sion to be aborted and the A/D module is turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
11.11
Connection Considerations
Since the analog inputs employ ESD protection, they
have diodes to VDD and VSS. This requires that the
analog input must be between VDD and VSS. If the input
voltage exceeds this range by greater than 0.3V (either
direction), one of the diodes becomes forward biased
and it may damage the device if the input current spec-
ification is exceeded.
An external RC filter is sometimes added for anti-alias-
ing of the input signal. The R component should be
selected to ensure that the total source impedance is
kept under the 2.5 k
Ω recommended specification. Any
external components connected (via hi-impedance) to
an analog input pin (capacitor, zener diode, etc.) should
have very little leakage current at the pin.
TABLE 11-3
SUMMARY OF A/D REGISTERS
Note:
For the A/D module to operate in SLEEP,
the A/D clock source must be configured to
RC (ADCS1:ADCS0 = 11b).
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other Resets
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
0Ch
PIR1
PSPIF(1)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
0000 0000
8Ch
PIE1
PSPIE(1)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
1Eh
ADRESH
A/D High Byte Result Register
xxxx xxxx
uuuu uuuu
9Eh
ADRESL
A/D Low Byte Result Register
xxxx xxxx
uuuu uuuu
9Bh
REFCON
VRHEN
VRLEN
VRHOEN
VRLOEN
—
—
—
—
0000 ----
0000 ----
1Fh
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
CHS3
ADON
0000 0000
0000 0000
9Fh
ADCON1
ADFM
VCFG2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
05h
PORTA
—
—PORTA5(2)
PORTA Data Latch when written: PORTA<4:0> pins when read
--0x 0000
--0u 0000
06h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx 11xx
uuuu 11uu
09h(2)
PORTE
—
—
—
—
—
RE2
RE1
RE0
---- -000
---- -000
85h
TRISA
—
—bit5(2)
PORTA Data Direction Register
--11 1111
--11 1111
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
89h(2)
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction Bits
0000 -111
0000 -111
Legend: x = unknown, u = unchanged, - = unimplemented read as ’0’. Shaded cells are not used for A/D conversion.
Note 1:
Bits PSPIE and PSPIF are reserved on the 28-pin devices, always maintain these bits clear.
2:
These bits/registers are not implemented on the 28-pin devices, read as ’0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com