Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 121Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 122Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 123Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 124Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 125Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 126Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 127Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 128Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 200 page
background image
PIC16C77X
© 1999 Microchip Technology Inc.
Advance Information
DS30275A-page 125
11.7
Use of the CCP Trigger
An A/D conversion can be started by the “special event
trigger” of the CCP module. This requires that the
CCPnM<3:0> bits be programmed as 1011b and that
the A/D module is enabled (ADON is set). When the
trigger occurs, the GO/DONE bit will be set on Q2 to
start the A/D conversion and the Timer1 counter will
be reset to zero. Timer1 is reset to automatically
repeat the A/D conversion cycle, with minimal software
overhead (moving the ADRESH and ADRESL to the
desired location). The appropriate analog input chan-
nel must be selected before the “special event trigger”
sets the GO/DONE bit (starts a conversion cycle).
If the A/D module is not enabled (ADON is cleared),
then the “special event trigger” will be ignored by the
A/D module, but will still reset the Timer1 counter.
11.8
Effects of a RESET
A device reset forces all registers to their reset state.
This forces the A/D module to be turned off, and any
conversion is aborted. The value that is in the
ADRESH and ADRESL registers are not modified.
The ADRESH and ADRESL registers will contain
unknown data after a Power-on Reset.
11.9
Faster Conversion - Lower
Resolution Trade-off
Not all applications require a result with 12-bits of res-
olution, but may instead require a faster conversion
time. The A/D module allows users to make the
trade-off of conversion speed to resolution. Regard-
less of the resolution required, the acquisition time is
the same. To speed up the conversion, the A/D mod-
ule may be halted by clearing the GO/DONE bit after
the desired number of bits in the result have been con-
verted. Once the GO/DONE bit has been cleared, all
of the remaining A/D result bits are ‘0’.
The equation
to determine the time before the GO/DONE bit can be
switched is as follows:
Conversion time = N•TAD + 1TAD
Where: N = number of bits of resolution required,
and 1TAD is the amplifier settling time.
Since TAD is based from the device oscillator, the user
must use some method (a timer, software loop, etc.) to
determine when the A/D GO/DONE bit may be
cleared. Table 11-2 shows a comparison of time
required for a conversion with 4-bits of resolution, ver-
sus the normal 12-bit resolution conversion. The
example is for devices operating at 20 MHz. The A/D
clock is programmed for 32 TOSC.
TABLE 11-2
4-BIT vs. 12-BIT
CONVERSION TIMES
Freq.
(MHz)
Resolution
4-bit
12-bit
Tosc
20
50 ns
50 ns
TAD = 32 Tosc
20
1.6
µs1.6 µs
1TAD+N•TAD
20
8
µs20.8 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com