Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC773-04/SP Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16LC773-04/SP
Description  28/40-Pin, 8-Bit CMOS Microcontrollers w/ 12-Bit A/D
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC773-04/SP Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16LC773-04/SP Datasheet HTML 120Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 121Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 122Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 123Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 124Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 125Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 126Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 127Page - Microchip Technology PIC16LC773-04/SP Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 200 page
background image
PIC16C77X
DS30275A-page 124
Advance Information
© 1999 Microchip Technology Inc.
FIGURE 11-7: CALCULATING THE MINIMUM REQUIRED SAMPLE TIME
TACQ =
Amplifier Settling Time
+ Holding Capacitor Charging Time
+Temperature Coefficient
†
TACQ =5
µs
+ TC
+ [(Temp - 25
°C)(0.05 µs/°C)] †
TC =
+ Holding Capacitor Charging Time
TC =(CHOLD) (RIC + RSS + RS) In (1/16384)
TC =
-25 pF (1 k
Ω +10 kΩ + 2.5 kΩ) In (1/16384)
TC =
-25 pF (13.5 k
Ω) In (1/16384)
TC =
-0.338 (-9.704)
µs
TC =3.3
µs
TACQ =5
µs
+ 3.3
µs
+ [(50
°C - 25°C)(0.05 µs / °C)]
TACQ =8.3
µs + 1.25 µs
TACQ =
9.55
µs
† The temperature coefficient is only required for
temperatures > 25
°C.
FIGURE 11-8: ANALOG INPUT MODEL
CPIN
VA
Rs
Port Pin
5 pF
VDD
VT = 0.6V
VT = 0.6V
ILEAKAGE
RIC
≤ 1k
Sampling
Switch
SS
RSS
CHOLD = 25 pF
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
( k
Ω )
VDD
± 100 nA
Legend CPIN
VT
ILEAKAGE
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com