Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 31Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 32Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Reference
5 - 31
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.2
Programming
Table 5-4 Bit Allocation Read / Write
Byte
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
Ack
Write Data
Address Byte
11
00
0MA1
MA0
0
A
Progr. Divider
Byte 1
0N14
N13
N12
N11
N10
N9
N8
A
Progr. Divider
Byte 2
N7
N6
N5
N4
N3
N2
N1
N0
A
Control Byte
1CP
T1
T0
CM
RSA
RSB
OS
A
Bandswitch
Byte 1).
xx
xx
P3
P2
P1
P0
A
Read Data
Address Byte
11
00
0MA1
MA0
1
A
Status Byte
POR
FL
xx
xA2
A1
A0
A
1). see Table 5-10 Bandswitching on page 33
Table 5-5 Description of symbols
Symbol
Description
MA0, MA1
Address selection bits (see Table 5-6 Address selection on page 32)
N14 to N0
programmable divider bits:
N = 214 x N14 + 213 x N13 + ..... + 23 x N3 + 22 x N2 + 21 x N1 + N0
CP
charge pump current:
bit = 0: charge pump current = 50 µA
bit = 1: charge pump current = 250µA
T1, T0
test bits (see Table 5-7 Test modes on page 32)
CM
charge pump mode bit (see Table 5-9 Charge pump current on page 33)
RSA, RSB
reference divider bits (see Table 5-8 Reference divider ratio on page 32)
OS
tuning amplifier control bit:
bit = 0: enable VT
bit = 1: disable VT
PLOW, PMID, PHIGH,
PFM, see 5-10 on page 33
NPN ports control bits:
bit = 0: NPN open-collector output is inactive
bit = 1: NPN open-collector output is active
A0, A1, A2
ADC bits (see Table 5-11 A/D converter levels on page 34)
FL
PLL lock flag
bit = 1: loop is locked
POR
Power-on reset flag
flag is set at power-on and reset at the end of READ operation
x
don‘t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com