Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 25Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 31Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Reference
5 - 28
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 5-3 AC/DC Characteristics with TAMB = 25 °C, VCC (continued)
Symbol
Limit Values
Unit
Test Conditions
LItem
min
typ
max
Analog Unit
LOW/MID Band Section (including IF amplifier)
Voltage gain
GV
15
18
21
dB
fRF = 55.25 to 361.25
MHz, fIF = 41,25 to
58.75 MHz
Mixer noise figure
NF
911
dB
fRF = 55.25 to 361.25
MHz
Output voltage
causing 0.8 % of
crossmodulation in
channel,
see 5.4.6 on page 38
Vo
109
dBµV
fRFw = 55.25 MHz
Vo
109
dBµV
fRFw = 361.25 MHz
Input IP2
IP2
140
dBµV
fRF1 = 55.25 MHz
fRF2 = 111.00 MHz,
PRF1 = PRF2
IP2
135
dBµV
fRF1 = 361.25 MHz
fRF2 = 723.00 MHz,
PRF1 = PRF2
Input IP3
IP3
110
dBµV
fRF1 = 55.25 MHz
fRF2 = 60.75 MHz,
fRF2 = 61.75 MHz,
PRF1 = PRF2 = PRF3
IP3
110
dBµV
fRF1 = 253.25 MHz
fRF2 = 258.75 MHz,
fRF2 = 259.75 MHz,
PRF1 = PRF2 = PRF3
Output voltage caus-
ing 1 dB compression
Vo
115
dBµV
fRF = 55.25 MHz
Vo
115
dBµV
fRF = 361.25 MHz
Mixer input
impedance
Ri
0.5
11.5
k
Ω
parallel equivalent
circuit, fRF = 100 MHz
Ci
23
pF
parallel equivalent
circuit, fRF = 100 MHz
Oscillator frequency
shift, PLL unlocked
∆f
Osc(V)
400
kHz
VCC = 5 V ± 10 %
Oscillator frequency
drift, PLL unlocked
∆f
Osc(T)
500
kHz
∆T = 25 °C
Oscillator frequency
drift, PLL unlocked
∆f
Osc(t)
100
kHz
t = 5 s up to 15 min
after switching on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com