Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 35Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 36Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 37Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 38Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 39Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 40Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
Reference
5 - 38
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.4.5
Noise Figure Test Set-up in HIGH
NFUHFM
5.4.6
Cross modulation Test Set-up in LOW/MID band
XVHFM
s
Zi >> 50 Ω => Vi = 2 x Vmeas
s
wanted output signal at fpix, Vo = 100 dBµV
s
unwanted output signal at fsnd , 80 % AM modulated with 1 kHz
Device
under
Test
IFOUT
HIGHIN
HIGHIN
Balun
1:1
Noise
Source
loss of balun = 1 dB
NF = NFmeas - loss of balun (dB)
Noise
Figure
Meter
Hybrid
A
B
C
D
Device
under
Test
IFOUT
LOW/
MIDIN
V
i
50
Ω
50
Ω
50
Ω
unwanted
signal
source
AM = 80 %
wanted
signal
source
50
Ω
V
V
meas
RMS
Votmeter
V
o
45.75 MHz
50
Ω
modulation
analyser
18 dB
attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com