Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 23Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 25Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Reference
5 - 26
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.1.3
AC/DC Characteristics
AC / DC characteristics involve the spread of values guaranteed in the specified
supply voltage and ambient temperature range. Typical characteristics are the
median of the production.
Table 5-3 AC/DC Characteristics with TAMB = 25 °C, VCC
Symbol
Limit Values
Unit
Test Conditions
LItem
min
typ
max
Supply
Supply voltage
VCC
4.5
55.5
V
Current consumption
ICC
48
61
74
mA
LOW/MID band
51
65
79
mA
HIGH band
Digital Unit
PLL
Crystal oscillator connections XTAL
Crystal frequency
fXTAL
3.2
4.0
4.8
MHz
series resonance
Crystal resistance
RXTAL
10
100
Ω
series resonance
Oscillation frequency
fXTAL
3,99975
4,000
4,00025
MHz
fXTAL = 4 MHz
Input impedance
ZXTAL
-700
-900
-1100
Ω
fXTAL = 4 MHz
Charge pump output CP
Output current,
see Table 5-9 Charge
pump current on page 33
ICPDH
± 430
± 650
± 860
µA
VCP = 1.8 V
ICPH
± 180
± 250
± 360
µA
VCP = 1.8 V
ICPDL
± 90
± 125
± 180
µA
VCP = 1.8 V
ICPL
± 35
± 50
± 70
µA
VCP = 1.8 V
Tristate current
ICPZ
± 1
nA
T0=1, T1=0
Output voltage
VCP
1.3
2.5
VPLL locked
Drive output VT (open collector)
HIGH output current
ITH
10
µA
VTH = 33 V, T0 = 1,
T1 = 0
LOW output voltage
VTL
0.5
VITL = 1.0 mA
I2C-Bus
Bus inputs SCL, SDA
HIGH input voltage
VIH
3
5.5
V
LOW input voltage
VIL
0
1.5
V
HIGH input current
IIH
10
µA
VIH = VCC
LOW input current
IIL
-10
µA
VIL = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com