Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 16Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 17Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 18Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 19Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 23Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
Applications
4 - 20
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
4.1
KTS6027-2 Evaluation Board
KTS6027-2 Application Circuit
Figure 4-1
KTS6027-2 Evaluation Board
1p
1p2
1p2
1p2
1p2
2p7
2p2
2p2
2p7
560
33k
L1
L2
L3
120p
BB659C
BA892
1n
1k
3k3
100k
47p
BB659C
2k7
2k7
1k8
1k8
1k
1:1*)
2p2
22p
22p
L4
68p
68p
47n
220
220
4n7
100p
18p
4n7
4n7
4n7
4n7
100p
4n7
4n7
18p
+ 33 V
1n
4 MHz
SDA
SCL
AS
PFM
PMID
PLOW
ADC
HIGH
R
Gen
= 75
Ω
LOW/
MID
V
CC
10n
R
Load = 75 Ω
IF
output
100n
220
R
Gen
= 75
Ω
1
2
3
4
5
6789
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
KTS6027-2
4n7
PHIGH
C
1
2n2
C
2
47n
220
Table 4-1 Recommended band limits in MHz
RF input
Oscillator
min
max
min
max
LOW
55.25
127.25
101
173
MID
133.25
361.25
179
407
HIGH
367.25
803.25
413
849
Table 4-1 Coils
turns
E
wire
E
L1
1.5
2 mm
0.4 mm
L2
3.5
2.5 mm
0.5 mm
L3
9.5
2.5 mm
0.4 mm
L4
12.5
3.5 mm
0.3 mm
*)
TOKO B4F Type 617DB-1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com