Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 31Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 32Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 35Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 36Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Reference
5 - 33
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 5-9 Charge pump current
Charge pump current
Mode 1).
CP
T1
T0
CM
50 µA
normal
0
00
x
250 µA
1
x
50 µA
extended
0
11
0
125 µA
0
1
250 µA
1
0
600 µA
1
1
1). see Table 5-7 Test modes on page 32
Table 5-10 Bandswitching
Bit Designation
P3
P2
P1
P0
Active Port
Pin
PHIGH 1).
12
0
00
0
PLOW
15
0
00
1
PMID
16
0
01
0
not used
0
01
1
PHIGH
12
0
10
0
PLOW, PFM
15, 17
0
10
1
PMID, PFM
16, 17
0
11
0
not used
0
11
1
PHIGH
12
1
00
0
PLOW, PFM
15, 17
1
00
1
PMID, PFM
16, 17
1
01
0
not used
1
01
1
PHIGH, PFM
12, 17
1
10
0
PLOW, PFM
15, 17
1
10
1
PMID, PFM
16, 17
1
11
0
not used
1
11
1
1). Default after power-on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com