Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 8Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 9Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 10Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 11Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 12Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 13Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 14Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 15Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Functional Description
3 - 12
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 3-1 Pin Definition and Function (continued)
Pin No.
Symbol
Equivalent I/O-Schematic
Average DC voltage
LOW/MID
HIGH
13
VT
VT
VT
14
CP
2.1 V
2.1 V
15
PLOW
5 V or VCE
5 V
16
PMID
5 V or VCE
5 V
17
PFM
5 V or VCE
5 V or VCE
18
XTAL
3.0 V
3.0 V
14
13
15
16
17
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com