Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 23Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 25Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Reference
5 - 25
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.1.2
Operating Range
Within the operational range the IC operates as described in the circuit
description. The AC / DC characteristic limits are not guaranteed.
Table 5-2 Operating Range
Parameter
Symbol
Limit Values
Unit
Test Conditions
L
Item
min
max
Supply voltage
VCC
+4.5
+5.5
V
Programmable divider factor
N
256
32767
LOW/MID Mixer input frequency
range
fi
40
500
MHz
HIGH Mixer input frequency
range
fi
350
900
MHz
LOW/MID Oscillator frequency
range
fO
75
560
MHz
HIGH Oscillator frequency range
fO
380
950
MHz
Ambient temperature
TAMB
-20
TAmax
1).
°C
1).see 5.1.1 Absolute Maximum Ratings on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com