Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 35Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 36Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 37Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 38Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 39Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 40Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Reference
5 - 40
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.5
Electrical Diagrams
5.5.1
Input admittance (S11) of the LOW/MID band mixer input
Y0 = 20mS
Y_VHFMIX
5.5.2
Input impedance (S11) of the HIGH band mixer input
Z0 = 50 Ω (symmetrical)
Zn_UHFMIX
0.1
0.2
0.3
0.4
3
4
5
10
20
48.25 MHz
407.25 MHz
0
5
10
15
20
150
200
250
500
1k
Rdiff
415.25 MHz
855.25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com