Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 23Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 25Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Reference
5 - 24
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 5-1 Absolute Maximum Ratings, Ambient temperature TAMB= - 20°C ... + 85°C (continued)
Parameter 1)
Symbol
Limit Values
Unit
Remarks
min
max
Mixer-Oscillator
Mix input LOW/MID
Vi
-0.3
3
V
Mix inputs HIGH
Vi
2
V
Ii
-5
6
mA
VCO base voltage
VB
-0.3
3
V
VCO collector voltage
VC
VCC
V
ESD-Protection 4).
all pins
VESD
2
kV
1). All values are referred to ground (pin), unless stated otherwise.
Currents with a positive sign flow into the pin and currents with a negative sign flow out of pin.
2).The maximum ambient temperature depends on the mounting conditions of the package. Any application
mounting must guarantee not to exceed the maximum junction temperature of 125
°C. As reference the tem-
perature difference junction to case is given.
3).Referred to top center of package
4). According to EIA/JESD22-A114-B (HBM incircuit test), as a single device incircuit contact discharge test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com