Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 31Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 32Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 35Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Reference
5 - 32
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 5-6 Address selection
Voltage at AS
MA1
MA0
(0...0.1) * VCC
00
(0.2...0.3) * VCC or open circuit
01
(0.4...0.6) * VCC
10
(0.9...1) * VCC
11
Table 5-7 Test modes
Test mode
Mode
T1
T0
Normal operation
normal 1).
0
0
Charge pump output, CP is in high-impedance state
0
1
PMID = f
div output, PLOW = fref output
1
0
Extended operation
extended
1
1
1). In this mode the IC is compatible with KTS6027-S / KTS6029-S
Table 5-8 Reference divider ratio
Reference divider ratio
Mode 1).
T1
T0
RSA
RSB
fref 2).
80
normal
0
0
x
0
50 kHz
0
1
1
0
128
0
0
0
1
31.25 kHz
0
1
1
0
64
0
0
1
1
62.5 kHz
0
1
1
0
80
extended
1
1
0
0
50 kHz
128
0
1
31.25 kHz
24
1
0
166.7 kHz
64
1
1
62.5 kHz
1). see Table 5-7 Test modes on page 32
2). With a 4 MHz quartz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com