Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 14Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 15Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 16Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 17Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 18Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 19Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Functional Description
3 - 18
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
while SCL remains HIGH. All further information transfer takes place during
SCL = LOW, and the data is forwarded to the control logic on the positive clock
edge.
The table ”Bit Allocation” (see Table 5-4 Bit Allocation Read / Write on page 31) should be
referred to the following description. All telegrams are transmitted byte-by-byte,
followed by a ninth clock pulse, during which the control logic returns the SDA
line to LOW (acknowledge condition). The first byte is comprised of seven
address bits. These are used by the processor to select the PLL from several
peripheral components (chip select). The LSB bit (R/W) determines whether
data are written into (R/W = 0) or read from (R/W = 1) the PLL.
In the data portion of the telegram during a WRITE operation, the MSB bit of the
first or third data byte determines whether a divider ratio or control information
is to follow. In each case the second byte of the same data type has to follow
the first byte.
If the address byte indicates a READ operation, the PLL generates an acknowl-
edge and then shifts out the status byte onto the SDA line. If the processor gen-
erates an acknowledge, a further status byte is output; otherwise the data line
is released to allow the processor to generate a stop condition. The status word
consists the lock flag and the power-on flag.
Four different chip addresses can be set by appropriate DC level at pin AS (see
Table 5-6 Address selection on page 32
).
While applying the supply voltage, a power-on reset circuit prevents the PLL
from setting the SDA line to LOW, which would block the bus. The power-on
reset flag POR is set at power-on and when VCC falls below 3.2 V. It will be reset
at the end of a READ operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com