Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 19Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 22Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 23Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 24Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 25Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Reference
5 - 23
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
5.1
Electrical Data
5.1.1
Absolute Maximum Ratings
WARNING
The maximum ratings may not be exceeded under any circumstances, not even
momentarily and individually, as permanent damage to the IC may result.
Table 5-1 Absolute Maximum Ratings, Ambient temperature TAMB= - 20°C ...TAmax
Parameter 1).
Symbol
Limit Values
Unit
Remarks
min
max
Supply voltage
VCC
-0.3
6
V
Ambient temperature
TA
-10
TAmax
2).
°C
Junction temperature
TJ
+125
°C
Storage temperature
TStg
-40
+125
°C
Temperature difference junction to case 3).
TJC
2
K
PLL
CP
VCHGPMP
-0.3
3
V
ICHGPMP
1
mA
Crystal oscillator pin XTAL
VXTAL
VCC
V
IXTAL
-5
mA
Bus input/output SDA
VSDA
-0.3
6
V
Bus output current SDA
ISDA(L)
5
mA
open collector
Bus input SCL
VSCL
-0.3
6
V
Chip address switch AS
VAS
-0.3
VCC
V
VCO tuning output (loop filter)
VT
-0.3
35
V
ADC inpur
VADC
-0.3
VCC
V
Port outputs PLOW, PMID, PHIGH, PFM
VP
-0.3
VCC
V
IP(L)
-1
25
mA
tmax = 0.1 sec.
at 5.5 V
Total port output current
ΣI
P(L)
40
mA
tmax = 0.1 sec.
at 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com