Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 12Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 13Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 14Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 15Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 16Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 17Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 18Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 19Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Functional Description
3 - 16
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
3.4
Circuit Description
3.4.1
General
In the normal mode (see Table 5-7 Test modes on page 32) the IC is compatible with
KTS6027-S / KTS6029-S. An extended mode makes a reference divider ratio
of 24 (see Table 5-8 Reference divider ratio on page 32) and two additional charge pump
currents (see Table 5-9 Charge pump current on page 33) available.
3.4.2
Mixer-Oscillator block
The mixer oscillator section includes two balanced mixers (double balanced
mixer), two balanced oscillators for LOW and / or MID band and HIGH band, an
IF amplifier, a reference voltage source and a band switch.
Filters between tuner input and IC separate the TV frequency signals into two
bands. The band switching in the tuner front-end is done by using two or three
port outputs. In the selected band the signal passes a tuner input stage with
MOSFET amplifier, a double-tuned bandpass filter and is then fed to the bal-
anced mixer input of the IC which has in case of LOW / MID a high-impedance
input and in case of HIGH a low-impedance input. The input signal is mixed
there with the signal from the activated on chip oscillator to the IF frequency
which is filtered out at the balanced high-impedance output pair by means of a
parallel tuned circuit. The following SAW preamplifier has a low output imped-
ance to drive the SAW filter directly.
3.4.3
PLL block
The oscillator signal is internally DC-coupled as a differential signal to the pro-
grammable divider inputs. The signal subsequently passes through a program-
mable divider with ratio N = 256 through 32767 and is then compared in a digital
frequency / phase detector to a reference frequency fref = 31.25, 50, 62.5 or
166.7 kHz.
This frequency is derived from an unbalanced, low-impedance 4 MHz crystal
oscillator (pin XTAL) divided by R = 128, 80, 64 or 24.
The phase detector has two outputs that drive two current sources of opposite
polarity as charge pump. If the negative edge of the divided VCO signal appears
prior to the negative edge of the reference signal, the positive current source
pulses for the duration of the phase difference. In the reverse case the negative
current source pulses. If the two signals are in phase, the charge pump output
(CP) goes into the high-impedance state (PLL is locked). An active low-pass fil-
ter integrates the current pulses to generate the tuning voltage for the VCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com