Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 13Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 14Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 15Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 16Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 17Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 18Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 19Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 20Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Functional Description
3 - 17
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
(internal amplifier, external pull-up resistor at TUNE and external RC circuitry).
The charge pump output is also switched into the high-impedance state if the
control bits T0 = 1 and T1 = 0. Here it should be noted, however, that the tuning
voltage can alter over a long period in the high-impedance state as a result of
self-discharge in the peripheral circuitry. TUNE may be switched off by the con-
trol bit OS to allow external adjustments.
If the VCO is not oscillating the PLL locks to a tuning voltage of 33 V .
By means of the control bits CP, CM, T0 and T1 the pump current can be
switched between four values by software. This programmability permits alter-
ation of the control response time of the PLL in the locked-in state. In this way
different VCO gains can be compensated, for example.
The software-switched ports PLOW, PMID, PHIGH and PFM are general-pur-
pose open-collector outputs. The test bits T0 = 0 and T1 = 1 switches the test
signals fref (i.e.fXTAL / 64) and fdiv (divided input signal) to PLOW and PMID
respectively.
The lock detector resets the lock flag FL if the width of the charge pump current
pulses is wider than the period of the crystal oscillator (i.e. 250 ns). Hence, if FL
= 1, the maximum deviation of the input frequency from the programmed fre-
quency is given by
∆f = ± I
P (KVCO / fXTAL) (C1+C2) / (C1C2)
where IP is the charge pump current, KVCO the VCO gain, fXTAL the crystal oscil-
lator frequency and C1, C2 the capacitances in the loop filter (see Figure 4-1
KTS6027-2 Evaluation Board on page 20
). As the charge pump pulses at i.e. 62.5 kHz (=
fref), it takes a maximum of 16 µs for FL to be reset after the loop has lost lock
state.
Once FL has been reset, it is set only if the charge pump pulse width is less than
250 ns for eight consecutive fref periods. Therefore it takes between 128 and
144
µs for FL to be set after the loop regains lock.
3.4.4
I2C-Bus Interface
Data is exchanged between the processor and the PLL via the I2C bus. The
clock is generated by the processor (input SCL), while pin SDA functions as an
input or output depending on the direction of the data (open collector, external
pull-up resistor). Both inputs have hysteresis and a low-pass characteristic,
which enhance the noise immunity of the I2C bus.
The data from the processor pass through an I2C bus controller. Depending on
their function the data are subsequently stored in registers. If the bus is free,
both lines will be in the marking state (SDA, SCL are HIGH). Each telegram
begins with the start condition and ends with the stop condition. Start condition:
SDA goes LOW, while SCL remains HIGH. Stop condition: SDA goes HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com