Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTS6027-2 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # KTS6027-2
Description  2 Band TV Tuner Mixer-Oscillator-PLL with unbalanced IF-Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTS6027-2 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button KTS6027-2 Datasheet HTML 26Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 27Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 28Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 29Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 30Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 31Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 32Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 33Page - Infineon Technologies AG KTS6027-2 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Reference
5 - 30
KTS6027-2, KTS6029-2
Wireless Components
Specification, July 2001
Table 5-3 AC/DC Characteristics with TAMB = 25 °C, VCC (continued)
Symbol
Limit Values
Unit
Test Conditions
LItem
min
typ
max
Oscillator frequency
drift, PLL unlocked
∆f
Osc(t)
100
kHz
t = 5 s up to 15 min
after switching on
Oscillator pulling,
PLL unlocked
Vi
100
108
dBµV
∆f = 10 kHz
fRF = 367.25 MHz
100
108
dBµV
∆f = 10 kHz
fRF = 801.25 MHz
Oscillator
phase noise 1)
-86
-89
dBc/Hz
fm = 10kHz
IF suppression
aIF
15
20
dB
Vi = 80 dBµV
SAW preamplifier
IF output impedance
RIF
80
Ω
serial equivalent
circuit,
fIF = 45.75 MHz
LIF
7
nH
Rejection at the IF outputs
Divider interference
rejection 2).
Vo
30
dBµV
Channel CH6
beat 3).
INTCH6
70
dBc
VRFpix = 80 dBµV
VRFsnd = 80 dBµV
Channel A-5 beat
rejection 4).
INTCHA5
70
dBc
VRFpix = 80 dBµV
s This value is only guaranteed in lab.
1). Measured in the evaluation board. (see Chapter 4)
2). This is the level of divider interferences close to the IF frequency. For example channel S3:
fOSC = 158.15 MHz, 1/4 fOSC = 39.5375 MHz. Measured in the evaluation board. (see Chapter 4)
3). Channel 6 beat is the interfering product of fRFpix + fRFsnd - fOSC of channel 6 at 42 MHz. Measured in
the evaluation board. (see Chapter 4)
4). Channel A-5 beat is the interfering product of fRFPIX + fRFSND - fOSC of channel A-5, fbeat = 45.5 MHz.
The possible mechanisms are fOSC - 2 x fIF or 2 x fRFpix - fOSC. Measured in the evaluation board.
(see Chapter 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com