Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CCR9IMT7/NOPB Datasheet(PDF) 90 Page - Texas Instruments

Part # COP8CCR9IMT7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9IMT7/NOPB Datasheet(HTML) 90 Page - Texas Instruments

Back Button COP8CCR9IMT7/NOPB Datasheet HTML 86Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 87Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 88Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 89Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 90Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 91Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 92Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 93Page - Texas Instruments COP8CCR9IMT7/NOPB Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Address
Contents(1)
S/ADD REG
xxFE
B Register
xxFF
S Register
0100 to 017F
On-Chip 128 RAM Bytes
0200 to 027F
On-Chip 128 RAM Bytes
0300 to 037F
On-Chip 128 RAM Bytes
0400 to 0047F
On-Chip 128 RAM Bytes
0500 to 057F
On-Chip 128 RAM Bytes
0600 to 067F
On-Chip 128 RAM Bytes
0700 to 077F
On-Chip 128 RAM Bytes
5.19 Instruction Set
5.19.1 INTRODUCTION
This section defines the instruction set of the COP8 Family members. It contains information about the
instruction set features, addressing modes and types.
5.19.2 INSTRUCTION FEATURES
The strength of the instruction set is based on the following features:
•
Mostly single-byte opcode instructions minimize program size.
•
One instruction cycle for the majority of single-byte instructions to minimize program execution time.
•
Many single-byte, multiple function instructions such as DRSZ.
•
Three memory mapped pointers: two for register indirect addressing, and one for the software stack.
•
Sixteen memory mapped registers that allow an optimized implementation of certain instructions.
•
Ability to set, reset, and test any individual bit in data memory address space, including the memory-
mapped I/O ports and registers.
•
Register-Indirect LOAD and EXCHANGE instructions with optional automatic post-incrementing or
decrementing of the register pointer. This allows for greater efficiency (both in cycle time and program
code) in loading, walking across and processing fields in data memory.
•
Unique instructions to optimize program size and throughput efficiency. Some of these instructions are:
DRSZ, IFBNE, DCOR, RETSK, VIS and RRC.
5.19.3 ADDRESSING MODES
The instruction set offers a variety of methods for specifying memory addresses. Each method is called an
addressing mode. These modes are classified into two categories: operand addressing modes and
transfer-of-control addressing modes. Operand addressing modes are the various methods of specifying
an address for accessing (reading or writing) data. Transfer-of-control addressing modes are used in
conjunction with jump instructions to control the execution sequence of the software program.
5.19.3.1 Operand Addressing Modes
The operand of an instruction specifies what memory location is to be affected by that instruction. Several
different operand addressing modes are available, allowing memory locations to be specified in a variety
of ways. An instruction can specify an address directly by supplying the specific address, or indirectly by
specifying a register pointer. The contents of the register (or in some cases, two registers) point to the
desired memory location. In the immediate mode, the data byte to be used is contained in the instruction
itself.
Each addressing mode has its own advantages and disadvantages with respect to flexibility, execution
speed, and program compactness. Not all modes are available with all instructions. The Load (LD)
instruction offers the largest number of addressing modes.
90
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com