Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
7/140
PIN DEFINITION(continued)
●Miscellaneous pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
7
RESETN
I
Is
L
Hardware reset
L: Hardware reset enable
H: normal operation
4
XIN
I
Ios
P or N
36MHz crystal pin1
*Fixed to GND in case of using external
clock
5
XOUT
O
Oos
P or N
36MHzcristal pin2
*Fixed to GND in case of using external
clock
6
TCXO
I
IA
-
External clock (TCXO) input pin.
*Fixed to GND in case of using crystal
oscillator
20
ANT_SW
O/L
O
H or L or
OD
Diversity control signal
21
TRX_SW
O/L
O
H or L or
OD
TX-RX switch signal
19
TEST
I
I
H
Test mode input
Fixed to “L” for normal use
17
DMON*1
O
O
H
Digital monitor pin
Primary function: Clock output (6MHz)
Secondary function: PLL_LD output
Third function: FIFO trigger output
22
DCNT
O/L
O
H or L or
OD
External TX PA control signal
31,35
N.C.
-
-
-
Non connection
[Description]
*1 Function of DMON pin can be selected by following condition. Clock output as a default.
If clock output is not used, please select another function. Please refer to each register description for more details.
Primary function will have higher priority when multiple function are configured simultaneously.
Configuration of DMON output
Function Name
Configuration register name
Address
Bit position (bit symbol)
CLK output
CLK_SET
B0 0x02
bit4 (CLKOUT_EN)
PLL_LD output
PLL_MON/DIO_SEL
B0 0x69
bit4 (PLL_LD)
FIFO trigger output
CRC_AREA/FIFO_TRG
B0 0x77
bit0 (FIFO_TRG_EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com