Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 35 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 35 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
35/140
●Data whitening function
ML7396 family supports data whitening function specified in IEEE 802.15.4g standard. The following figure shows the PN9
pattern generator. The generated pattern will be “XOR” with data located in PSDU area.
Initialization value can be configured by [PN9_SET_L:B0 0x7A] and [PN9_SET_H:B0 0x7B] registers.
When setting PN9_EN ([PN9_SET_H:B0 0x7B(7)]) =0b1, this generator can be used as random number generator.
When WHITENING ([PACKET_MODE_SET:B0 0x45(4)]) =0b1, whitening condition is set by IEEE_MODE
([PACKET_MODE_SET:B0 0x45(1)] setting. Please refer to the "Packet format".
• In IEEE802.15.4d mode (IEEE_MODE=0b0), data whitening applied to every TX or RX packet
• In IEEE802.15.4g mode (IEEE_MODE=0b1), data whitening will be applied to the packet which whitening bit in PHR
fieled is set to 0b1
[Note]
1.
The PN9 pattern generator shares setting with the Whitening function. While the Whitening function is running, PN9_EN
should be set to 0b0.
TX: En = Rn
PN9n
RX: Rn = REn
PN9n
En:
Whitening bits as TX data
Rn:
data bits
REn:
Whitening bits as RX data
PN9n:
PN9 pattern (Initialization value 0b111111111)
Fig. PN9 pattern generator
●FEC function
ML7396 family supports FEC function. FEC function will be applied to PHR and PSDU field as shown in below.
[Note]
1.
Length in PHR fieled should be set the length before FEC encoding.
2.
When using whitening function at same time, whitening will apply to the FEC encoded data. For more details of
whitening field, please refer to the “Packet format”.
3.
Inrerleaving mode is not compliant to IEEE802.15.4g.
D
D
D
D
D
D
D
D
D
PN9
PHR
MSB
LSB
PSDU
(CRC)
Preamble
SFD
(User data)
FEC field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com