Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 40 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 40 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
40/140
In the above setting, If INV_ANT_SW([2DIV_CTRL: B0 0x71(3)])=0b1, ANT_CTRL1([2DIV_CTRL: B0 0x71(5)])=0b1
are set, polarity of ANT_SW pin (#20)is reversed.
INV_ANT_SW=0b0
ANT_CTRL1=any
(default setting)
INV_ANT_SW=0b1
ANT_CTRL1=0b1
TX/RX state
ANT_SW
TRX_SW
ANT_SW
TRX_SW
Description
Idle
L
L
H
L
Idle state
TX
L
H
H
H
TX state
L
L
H
L
When diversity disable or intial codition when
diversity enable is set ([2DIV_CTRL: B0
0x71(0)]=0b1).
RX
H/L
L
L/H
L
If diversity enable is set, during searching
(ANT_SW=H) and (ANT_SW=L) is switched
alternatively. After diversity completion, fix to
one of the condition.
Antenna switch forced setting
ANT_SW pin (#20) and TRX_SW pin (#21) output conditions can be set to fix by [RF_CNTRL_SET: B0 0x75] register, or
2DIV_RSLT2 ([2DIV_RSLT:B0 0x72(1)]) and INV_TRX_SW ([2DIV_CNTRL:B0 0x71(2)]) when diversity fuction is
diabled.
1. Forced setting by [RF_CNTRL_SET] register
ANT_SW pin: By ANT_SW_EN (bit1)=0b1, ANT_SW_SET (bit5) condition will be output.
TRX_SW pin: By TRX_SW_EN (bit0)=0b1, TRX_SW_SET (bit4) condition will be output.
2. Forced setting by 2DIV_RSLT2 bit and INV_TRX_SW bit when diversity function is disabled
( 2DIV_EN ([2DIV_CNTRL:B0 0x71(0)])=0b0)
ANT_SW pin: When 2DIV_RSLT2=0b0, output “L”. When 0b1, output “H”.
TRX_SW pin: When INV_TRX_SW=0b0, output “L”. When 0b1, output “H”.
Output defined by [RF_CNTRL_SET:B0 0x75] registers setting has higer priority.
When diversity is enable (2DIV_EN=0b1), output definced by 2DIV_RSLT2 and INV_TRX_SW are ignored.
Any antenna switch setting is inhibited to avoid out-of-synchronization during RECEIVE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com