Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
8/140
●Power supply pins
Pin
No
Pin name
Reset
state
I/O
Active
Level
Detail function
14,18
VDDIO
-/-
PWR
-
Power supply for digital IOs
(Input voltage: 1.8V to 3.3V)
40
VDD_REG
-/-
PWR
-
Power supply for regulator input
(Input voltage: 1.8V to 3.3V)
29
VDD_PA
-/-
PWR
-
Power supply for PA block
(Input voltage: 1.8V to.3.3V, depending on TX
mode)
32
VDD_RF
-/-
PWR
-
Power supply for RF blocks
(REG_OUT is connected, typ.1.5V)
23
VDD_IF
-/-
PWR
-
Power supply for IF block
(REG_OUT is connected, typ.1.5V)
34
VDD_CP
-/-
PWR
-
Power supply for charge pump
(REG_OUT is connected, typ.1.5V)
39
VDD_VCO
-/-
PWR
-
Power supply for VCO
(REG_OUT is connected, typ.1.5V)
EL
-
-/-
GND
-
GND PAD
●Unused pins
Unused pins treatments are as follows:
Pin Name
Pin number
Recommended treatment
XIN
4
Fixed to GND (When TCXO is used)
XOUT
5
Fixed to GND (When TCXO is used)
TCXO
6
Fixed to GND (When crystal OSC is used)
ATEST1
25
Left OPEN
ATEST2
26
Left OPEN
A_MON
24
Left OPEN
ANT_SW
20
Left OPEN
DMON
17
Left OPEN *1
DCNT
22
Left OPEN
*1 If not using DMON, it is necessary to stop clock out (default output on DMON) by CLKOUT_EN
([CLK_SET:B0 0x02(4)]). Left open with enableing clock out causes the perfoemance down on RX sensitivity.
Note: If input pins are high-impedence state and leave open, excess current could be drawn. Care must be taken that unused
input pins and unused I/O pins should not be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com