Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 36 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 36 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
36/140
●Energy Detection value (ED value) Function
ML7396 family supports calculating Energy detection value (here in after ED value) based on Received signal strength
indicator (RSSI). ED value acquisition can be enabled by ED_CALC_EN ([ED_CNTRL:B0 0x1B(7)])=0b1, and as soon as
transition to RX_ON state. And acquired ED value will be indicate at [ED_RSLT:B0 0x16] register. When ED_CALC_EN=1,
ED value will be updated constantly during RX_ON state. Even if ED_CALC_EN=1, While CCA operation or diversity search
operation, ED value will not be updated. After completion of CCA operation, diversity search, ED value will be updated.
ED value is not RSSI value at given timing, but average values. The number of average times can be specified by register
ED_AVG[2:0] ([ED_CNTRL:B0 0x1B(2-0)]). During diversity operation, 2DIV_ED_AVG[2:0] ([2DIV_ED_AVG:B0
0x6D(2-0)]) is used for setting. After acquiring specified average ED value, ED_DONE [ED_CNTRL:B0 0x1B(4)] becomes
“0b1”, and [ED_RSLT:B0 0x16] register is updated.
ED_DONE bit will be cleared if one of the following conditions is met.
1.
Gain is switched.
2.
Suspend ED value acquisition and then resume it.
3.
Antenna is switched. (When diversity is enabled)
Timing from ED value starting point ot ED value acquisition is calculated as following formula.
ED value averaging time = AD conversion time (17.7μs/16μs) * number of average times
Note; AD conversion time can be set by ADC_CLK_SET ([ADC_CLK_SET:B0 0x08(4)])
Default value is 1.8MHz and SDC conversion time is 17.7μs
[Timechart]
[Condition]
Set ADC_CLK_SET([ADC_CLK_SET: B1 0x08(4)])=0b1 (2MHz)
Set ED_AVG[2:0] ([ED_CTRL: B0 0x1B(2-0)])=0b011 (8 times averaging)
ED value calculation
execution flag
RSSI value
(Internal signal)
AD conversion (17.8/16usec)
[ADC_CLK_SET:B0 0x08(4)]
ED_DONE
([ED_CNTRL:B0 0x1b(4)])
(Internal signal)
RSSI
6
RSSI
7
RSSI
8
RSSI
9
RSSI
1
RSSI
2
RSSI
3
RSSI
4
RSSI
5
ED_VALUE
[ED_RSLT:B0 0x16]
ED value averaging period (16μs*8=128μs)
ED_AVG[2:0] ([ED_CNTRL: B0 0x1B(2-0)])
2DIV_ED_AVG[2:0] ([2DIV_ED_AVG:B0 0x6D (2-0)])
Compensation
and averaging
ED
ED
ED
INVALID
3-10
2-9
1-8
Constantly update by
moving averaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com