Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 33 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 33 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
33/140
●Packet format
ML7396 family supports following packet format. (In DIO mode, the packet format is Preamble, SFD+DIO data)
Preamble and SFD field are automatically inserted in TX, and automatically detected and deleted in RX. The host MCU need
not concern those packet handling.
[IEEE802.15.4g mode] (IEEE_MODE ([PACKET_MODE_SET:B0 0x45(1)]) =0b1)
Manchester coding field
[Note]
1.
The following shows the bit assignment of Length field (PHR) in IEEE802.15.4g format. It is different from
IEEE802.15.4d format. User dara fieled (after 3rd byte) will be output with LSB first.
2.
When using CRC32, the minimum user data length is 4 bytes. When transmitting/receiving 3-bytes data, CRC16 should
be used. ACK packet cannot be received under CRC32 setting.
FIFO storage area
2/4byte
[B0 0x46]
[B0 0x42]
[B0 0x39]
[B0 0x3a–0x3d]
[B0 0x3e–0x41]
[B0 0x43]
Length
PSDU
(CRC)
LSB
MSB
Preamble
SFD
TX: automatic insertion
RX:auto detection/deletion
2byte
3 to 2045byte
Whitening field
CRC field
(ED)
(User data)
1byte
[B0 0x45]
1
st byte
2
nd byte
Input from SPI
Reserv Reserved
Mode
FCS
ed
Whiteni
ng
L4
L3
L2
Switch
Length
L10
L9
L1
L8
L7
L6
L0
L5
Reserved
Output to Air
↑
TX starting bit
Mode
Switch
Reserved
FCS
Length
Whiteni
ng
L4
L3
L2
L1
L10
L9
L8
L7
L6
L0
L5
After 3rd byte
L6
L4
L5
L1
L7
L3
L0
L2
L1
L3
L2
L6
L0
L4
L7
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com