Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 55 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 55 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
55/140
I
●SFD detection function
ML7396 family supports the “Start Frame of Delimiter” (SFD) recognition function. By having 2 sets of SFD pattern strage
area, it is possible to detect IEEE 802.15.4g SFD patterns valied by “MRFSKFSD setting” and “FEC scheme”. For more
details, please refer to IEEE 802.15.4g standard.
Note: The default value of both SFD#1 and SFD#2 (Bank0 0x3A to 0x41) are set to the IEEE 802.15.4d SFD (1byte:0xA7).
n IEEE802.15.4g standard, 4 SFD pattern (each 2 bytes) is defined according to SFD group defined by phyMRFSKSFD and
FEC scheme (coded, uncoded).
According to the setting to MRFSKSFD ([PACKET_MODE_SET:B0 0x45(6)]) and FEC_EN ([FEC_CRC_SET:B0
0x46(6)]), SFD pattern to be added TX packet and SFD pattern to be received in RX packet are selected from SDF pattern #1
and SFD pattern #2 as following tables. SFD pattern #1 is defined by [SFD1_SET1:B0 0x3A] to [SFD1_SET4:B0 0x3D]
registers and SFD pattern #2 is defined by [SFD2_SET1:B0 0x3E] to [SFD2_SET4:B0 0x41] registers.
(1) TX
SFD length is shorter than or equal to 2 bytes. (IEEE 802.15.4g format)
MRFSKSFD
FEC_EN
0
1
0
SFD1[15:0]
SFD2[15:0]
1
SFD1[31:16]
SFD2[31:16]
SFD length is longer than or equal to 3 bytes. (Original format
MRFSKSFD
FEC_EN
0
1
0/1
SFD1 [31:0]
SFD2 [31:0]
(2) RX
If SFD length is shorter than or equal to 2 bytes and FEC_EN=0b1, it is possible to serach two SFD patterns. According to the
matching pattern, FEC is performed. Otherwise serach one pattern and the data following SFD are processed as uncoded.
SFD length shorter than or equal to 2bytes. (IEEE 802.15.4g format)
SFD pattern
FEC_EN
MRFSKSFD
uncoded
coded
SFD
detect
Data process after SFD
1
0
SFD1 [15:0]
SFD1 [31:16]
Uncoded
or coded
If pattern match with coded
pattern, FEC is performed.
If pattern match with uncoded
pattern, FEC is not performed
1
1
SFD2 [15:0]
SFD2 [31:16]
Uncoded
or coded
If pattern match with coded
pattern, FEC is performed.
If pattern match with uncoded
pattenr, FEC is not performed.
0
0
SFD1 [15:0]
-
Uncoded
Determined as uncoded
0
1
SFD2 [15:0]
-
Uncoded
Determined as uncoded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com