Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 57 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 57 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 61Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
57/140
●AUTO_ACK function
ML7396 family supports AUTO_ACK function to assist MCU operation in acknowledge packet (hereafter Ack packet)
transmission. Followings are detail of the AUTO_ACK function.
[Notes when using AUTO_ACK function]
1. AUTO_ACK function can not be used with FEC function, please set FEC_EN ([FEC/CRC_SET:B0 0x46(6)])=0b1.
When MCU handls Ack packet, FEC function can be used.
2. When TX packet and RX packet use diferent FCS length, especially note on the following;
If transmissting Ack packet before reading out RX data from FIFO, TX packet FCS length will be applied to the unread RX
data stored into FIFO. Therefore, RX data can not be read out correctly. Under this case, before start to read RX data,
forcibly set RX packet FCS length by using [FEC/CRC_SET:B0 0x46] register.
(Above condition will meet when the data packet uses 32bit FCS and Ack packet uses 16bit FCS. Since ML7396 fammily
does not support 32bit FCS Ack packet.)
*Ack transmission (MCU requests transmitting Ack packet)
1) Analyzing Frame Control Field in RX data, and if Ack request bit is set to 0b1, then obtain Sequence Number from RX
data.
2) After RX completion, performing CRC check and if FCS is OK, then transit to TX_ON state automatically for Ack packet
transmission preparation. (At this time, RX completion interrupt (INT[18]/[19] group3) will be generated.)
3) MCU analyzes Address field and Pending data in received data, and it decide to transmit Ack packet, set Ack packet to
[ACK_FRAME1:B0 0x53] and [ACK_FRAME2:B0 0x54] registers.
Note: It is dpossible to determine Ack packet transmittion by reading MAC header. Therefore Ack packet setting is possible
before RX completion.
If there is a Pending data, the Frame Pending bit should be set to 0b1 by [ACK_FRAME1:B0 0x53] register.
4) After completing TX_ON state transition, Auto_Ack ready interrupt (INT[24] group4) will be generated.
After confirming Ack_ready interrupt, set ACK_SEND ([AUTO_ACK_SET:B0 0x55(1)])=0b1 .
5) Transmitting Ack packet
Frame Control Field is filled with the setting data into [ACK_FRAME1:B0 0x53] and [ACK_FRAME2:B0 0x54] registers.
Sequence Number Field is automatically filled with sequence number obtained from received data.
6) After Ack packet transmission is completed, TX completion interrupt (INT[16]/[17] group 3) will be generated.
Note: RF status keeps TX_ON state, If return to IDLE state, set SET_TRX ([RF_STATUS:B0 0x6C(3-0)]) =0b1000
(TRX_OFF).
*Ack transmission (MCU requests to stop Ack packet transmission)
1) Analyzing Frame Control Field in RX data, and if Ack request bit is set to 0b1, then obtain Sequence Number from RX
data.
2) After RX completion, performing CRC check and if FCS is OK, then transit to TX_ON state automatically for Ack packet
transmission preparation. (At this time, RX completion interrupt (INT[18]/[19] group3) will be generated.)
3) After completing TX_ON state transition, Auto_Ack ready interrupt (INT[24] group4) will be generated.
4) MCU analyzes Address field and Pending data in received data, and it decide not to send Ack packet, issuing PHY reset by
[RST_SET:B0 0x01]=0x88 and then set ACK_STOP ([AUTO_ACK_SET:B0 0x55(0)])=0b1.
ML7396 family aborts Ack packet and RF status will be back to TRX_OFF state automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com