Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 98 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 98 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 100Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 101Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 102Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
98/140
●RX mode (Packet mode, packet length ≤ 256 bytes)
Packet mode can be selected setting DIO_EN ([PLL_MON/DIO_SEL:B0 0x69(1)]) =0b0. In DIO mode, when issuing
RX_ON command, preamble and SFD detection will be started. After preamble and SFD are detected, RX data will be stored
into a FIFO. After RX completion interrupt (INT[18]/[19] group3) occurs, the host MCU will read RX data from
[RD_RX_FIFO:B0 0x7F] register. If CRC error interrupt (INT[20]/[21]) is generated, FIFO data has to be cleared by setting
(FIFO_CLR1/0 ([INT_SOURCE_GRP1:B0 0x26(7/6)]) =0b0. After clearing RX retaive interrpts, if receiving the next packet,
maintain RX_ON status and waiting for next RX completion interrupt. If TX is expected after RX, TX_ON should be issued by
[RF_STATUS:B0 0x6E] register. If terminating RX, issuing TRX_OFF by [RF_STATUS:B0 0x6E] register.
If FIFO-Full trigger and FIFO-Empty trigger are not used, please set 0x00 to both [RX_ALARM_LH:B0 0x37]) and
[RX_ALARM_HL:B0 0x38)] registers.
START
RX FIFO trigger level setting
[RX_ALARM_LH:B0 0x37] =0x00
[RX_ALARM_HL:B0 0x38] =0x00
RX_ON issue
[RF_STATUS:B0 0x6C]
From automatic ACK receive in TX mode
[Note]
If CRC_EN ([FEC/CRC_SET:B0
0x46(3)])=0b0, read out all RX
data from a FIFO before issuing
TRX_OFF command.
Please refer [FEC/CRC_SET:B0
0x46] register
Yes
No
Set ACK_STOP =0b1
[AUTO_ACK_SET:B0 0x55(0)
]
No
No
RX completion (INT[18]/[19])?
[INT_SOURCE_GRP3:B0 0x26]
Yes
Yes
Go to CRC error flowchart
in “Error process”
CRC error (INT[20]/INT[21])?
[INT_SOURCE_GRP3:B0 0x26]
AUTO_RX_EN=0b1?
[AUTO_ACK_SET] B0 0x55
Read RX data from FIFO
Set ACK_STOP =0b0
[RD_RX_FIFO:B0 0x7F]
[AUTO_ACK_SET:B0 0x55(0)
]
Yes
Go to Act TX mode flowchart
ACK request?
(≤256byte)
No
Yes
No
No
END
TX?
TRX_OFF issue
[RF_STATUS:B0 0x6C]
Clear interrupts
INT[18],[20] or INT[19].[21]
[INT_SOURCE_GRP3:B0 0x26]
Next packet RX?
Go to TX flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com