Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 26 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 26 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
26/140
■Functional Description
●SPI
ML7396 family has a Serial Peripheral Interface (SPI), which supports slave mode. Host MCU can read/write to the ML7396
registers and on-chip FIF using MCU clock. Single access mode and burst access mode are also supported.
[Single access mode]
In write operation, data will be stored into internal register at rising edge of clock which is capturing D0 data. During write
operation, if setting SCEN line to “H”, the data will not be sotred into register.
SCEN
SDI
SCLK
Write Data Field
Address Field
W
SCEN
SDI
SCLK
Address Field
R
SDO
Read Data Field
[Write]
[Read]
A
6
A
0
A
6
A
0
D
7
D
0
D
7
D
0
”1”
”0”
[Note]
When using IEEE802.15.4d mode, it is need to read “Length+1” bytes of data from RX FIFO for switching the FIFO banks
correctly. After reading Lngth bytes of data, need to access [RD_RX_FIFO:B0 0x7F] register once more. (The last byte is
invalid data.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com