Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 23 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 23 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
23/140
BANK1 (continued)
Bit
Address
Symbol
7
6
5
4
3
2
1
0
Description
0x17
VCO_CAL_MIN_FM
VCO calibration low limit frequency setting (middle byte)
0x18
VCO_CAL_MIN_FH
VCO calibration low limit frequency setting (high 4bits)
0x19
VCO_CAL_MAX_N
VCO calibration upper limit frequency setting
0x1a
VCO_CAL_MIN
VCO calibration low limit value indication and setting
0x1b
VCO_CAL_MAX
VCO calibration upper limit value indication and setting
0x1c
VCO_CAL
VCO calibration value indication and setting
0x1d
VCO_CAL_START
VCO calibration execution
0x1e
BPF_ADJ_OFFSET
BPF adjustment offset value indication
0x1f-0x2a
Reserved
Reserved
0x2b
# ID_CODE
ID code indication
0x2c-0x32
Reserved
Reserved
0x33
# PA_REG_ADJ1
PA regulator adjustment (1st setting)
0x34
# PA_REG_ADJ2
PA regulator adjustment (2nd setting)
0x35
# PA_REG_ADJ3
PA regulator adjustment (3rd setting)
0x36-0x39
Reserved
Reserved
0x3a
# PLL_CTRL
PLL setting
0x3b-0x3e
Reserved
Reserved
0x3f
# RX_ON_ADJ2
RX_ON timing adjustment #2
0x40-0x48
Reserved
Reserved
0x49
# LNA_GAIN_ADJ_M
LNA gain adjustment during middle gain operation
0x4a
# LNA_GAIN_ADJ_L
LNA gain adjustment during low gain operation
0x4b-0x4c
Reserved
Reserved
0x4d
# MIX_GAIN_ADJ_H
Mixer gain adjustment during high gain operation
0x4e
# MIX_GAIN_ADJ_M
Mixer gain adjustment during middle gain operation
0x4f
# MIX_GAIN_ADJ_L
Mixer gain adjustment during low gain operation
0x50-0x54
Reserved
Reserved
0x55
#TX_OFF_ADJ1
TX_OFF ramping down adjustment
0x56-0x59
Reserved
Reserved
0x5a
# RSSI_SLOPE_ADJ
RSSI slope adjustment
0x5b-0x7f
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com