Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 48 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 48 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
48/140
The follwing is timing chart for IDLE detection.
[Upon BUSY detection, continue CCA and IDLE detection case]
[Conditions]
ADC_CK_SET ([ADC_CLK_SET:B0 0x08(4)])=0b1 (2MHz)
ED_AVG[2:0] ([ED_CNTRL:B0 0x1B(2-0)])=0b011 (ED value 8 times average)
IDLE_WAIT[9:0] ([IDLE_WAIT_L/H:B0 0x17/0x18(1-0)])=0b00_0000_0000 (IDLE detection 0μs)
After IDLE detection, CCA will be completed,
then CCA_EN, CCA_IDLE_EN are reset to
0b0 automatically..
CCA_EN/CCA_IDLE_EN
[Note]
1. After issuing CCA command, transit into no-input state, and exit this state after filter stbilization.
2. When the iput level chnge from no-input to -80dBm, it takes around 32 μs for indicating -80dBm ED value.
ED
(21-28)
ED
(22-29)
ED value average period
0b10 (CCA on-going)
ED0
ED7
ED8
ED28
[CCA_CTRL: B0 0x15(4-3)]
AD conversion
(16μs)
Filter stabilization
16 to 32 μs
IDLE detection period
0b00 (IDLE)
INVALID
ED value
ED27
ED29
●●●
●●●
(internal signal)
averaging
ED_Value[7:0]
ED
ED
ED
CCA execution period (Min.128μs+IDLE detection period)
(20-27)
●●●
[ED_RSLT: B0 0x16]
(0-7)
(1-8)
<CCA_TH_LV
> CCA_TH_LV
B0 0x13
B0 0x13
CCA_RSLT[1:0]
[CCA_CNTRL: B0 0x15(1-0)]
0b01 (BUSY)
If BUSY, Interrupt not generated
CCA_DONE
[CCA_CNTRL: B0 0x15(2)]
IDLE_WAIT[9:0]
should be set, for
IDLE detection for
longer period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com