Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 27 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 27 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
27/140
[Burst access mode]
By maintaining SCEN as L, Burst access mode will be active. By setting SCEN line to “H”, exiting from the burst access
mode. During burst access mode, address will be automatically incremented.
When SCEN become H before Clock for D0 is input, data transaction will be aborted.
[Note]
If destination is [WR_TX_FIFO:B0 0x7E] or [RD_RX_FIFO:B0 0x7F] register, address will not be incremented. And
continuous FIFO access is possible.
Read Data Field
SCEN
SDI
Write Data Field
Address Field
W
SCEN
SDI
SCLK
Address Field
R
SDO
Write Data Field
Read Data Field
[Write]
[Read]
A
6
A
0
A
6
A
0
D
7
D
0
D
7
D
0
SCLK
“1”
“0”
[Note]
When using IEEE802.15.4d mode, it is need to read “Length+1” bytes of data from RX FIFO for switching the FIFO banks
correctly. (The last byte is invalid data.)
●AFC function
ML7396 family supports AFC function during RX operation. Frequency deviation (max +/- 20ppm) between remote device
and local device can be compensated by this function. Using this function, stable RX sensitivity and interference blocking
performance can be achieved.
This function can be activated by setting AFC_EN ([AFC_CNTRL:B0 0x34(0)]) =0b1
This is not supported for optional data rate. (other than 50/100/150/200/400kbps) When using optional data rate, AFC_EN
should be set to 0b0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com