Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 30 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 30 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
30/140
RX FIFO usage notification function
This function is to notice un-read data in RX_FIFO (FIFO usage) to the MCU using SINTN (interrupt) pin (#10) and/or
DMON pin (#17). If un-read data in RX_FIFO (FIFO usage) exceeds the full level threshold set by [RX_ALARM_LH:B0
0x37] register, SINTN pin will become “L” (FIFO-Full interrupt) and/or DMON pin will become “H”. And if the RX_FIFO
usage is equal to or less than the empty threshold level set by [RX_ALARM_HL:B0 0x38] register, SINTN will becom “L”
(FIFO-Empty interrupt) and/or DMON pin will become “L”.
If re-generating the FIFO-Full interrupr (INT[05], group1), after clearing the interrupt, once the RX_FIFO usage should be
equal or less than the empty level. If re-generating the FIFO-Empty interrupt (INT[04], group1), after clearing the interrupt,
one the RX_FIFO usage excceds the full level threshold.
RX emptylevel
(address=0x0F)
RX full level
(address=0x3E)
0x00
0xFF
DMON pin will be
“H” when RX data
exceeds RX full
level.
DMON pin will be
“L” when un-read
data amount is
less than RX
empty level.
[RX FIFO usage]
Time
RX full level
RX empty level
DMON signal
RX data amount
RX_FIFO usage transition
SINTN signal
0x0F
0x3E
[Note]
1.
At default setting, DMON pin is configured as CLKOUT output. If using DMON pin as this function, CLKOUT_EN
([CLK_SET:B0 0x02(4)]) =0b0 and FIFO_TRG_EN ([CRC_AREA/FIFO_TRG:B0 0x77(0)]) =0b1 are required.
2.
Each threshold should set as [RX_ALARM_LH:B0 0x37] (full level) > [RX_ALARM_HL:B0 0x38] (empty level).
3.
If reading a portion of RX data from a FIFO before receiving RX completion interrupt (INT[18]/INT[19] group3), please
keep the FIFO remaining size indicated by [RD_FIFO_LAST:B0 0x7C] should be more than 0x01.
4.
This function is valid only when data receiving. After RX completion, FIFO-Empty interrupt (INT[04] group1) is not
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com