Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 34 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 34 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
34/140
[IEEE802.15.4d mode] (IEEE_MODE ([PACKET_MODE_SET:B0 0x45(1)]) =0b0)
Manchester coding field
[Note]
#1 When in 802.15.4d mode, if setting CRC_AREA ([CRC_AREA/FIFO_TRG:B0 0x77(1)] bit (PHYSET101 bit1) =0b1,
CRC calculationn area will be extended to Length field (Length+PSDU).
1.
The following shows the bit assignment of Length field (PHR) in IEEE802.15.4d format. It is different from
IEEE802.15.4g format. User dara fieled (after 2nd byte) will be output with LSB first.
Input from SPI
Output to Air
L7
L6
L5
L4
L3
L2
L1
L0
L0
L1
L2
L3
L4
L5
L6
L7
↑
TX starting bit
2byte
[B0 0x46]
[B0 0x42]
[B0 0x39]
[B0 0x3a–0x3d]
[B0 0x3e–0x41]
[B0 0x43]
Length
PSDU
(CRC)
LSB
MSB
Preamble
SFD
TX : automatic insertion
RX: auto detection/deletion
2byte
3 to 125byte
Whitening field
CRC field (#1)
(ED)
(User data)
1byte
[B0 0x45]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com