Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7396AE Datasheet(PDF) 32 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7396AE
Description  Sub GHz band short range wireless transceiver IC
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7396AE Datasheet(HTML) 32 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7396AE Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML7396AE Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
FEDL7396A/B/E-07
ML7396A/B/E
32/140
(2) RX (FIFO access size is 128 bytes)
Set FIFO_ADR_EN ([PACKET_MODE_SET:B0 0x45(7)]) =0b1, and issuing RX_ON by [RF_STATUS:B0 0x6C]
register. (RX start)
Read [RD_FIFO_LAST:B0 0x7C] register. When FIFO address indication (hereafter, Write pointer) is 5 or more, read 5
bytes from FIFO ([RD_RX_FIFO:B0 0x7F] register). At this time, if the Length field is less than 5, this paclet does not
meet IEEE802.15.4 requirement of the minimum packet length, the the packet might be discarded. (* It is not applied when
using an original packet format other than IEEE802.15.4.) When it is equal to or more than 5 and less than 128, wait RX
completion interrupt (INT[18]/[19] group3) and then read out the remaining data from FIFO.
At
, if the Length field is 128 or more, after Write pointer is 128 or more, read 123 bytes from FIFO. After that, if the
remaining RX data size is less than 128, go to
.
At
, if the remaining RX data size is 128 or more, after Write pointer is 0 to 127, read 128 bytes from FIFO. After that, if
the remaining RX data size is less than 128, go to
.
At
, if the remaining RX data size is 128 or more, after Write pointer is 128 to 255, read 128 bytes from FIFO. After that,
if the remaining RX data size is less than 128, go to
.
Repeat
and
until for the necessary amount of Rx data.
After RX completion interrupt (INT[18]/INT[19], group3) notification, read out the remaining RX data from FIFO.
RX_ON issue
[RF_STATUS:B0 0x6C]
Yes
Write pointer
≥5?
No
[RD_FIFO_LAST:B0 0x7C]
Yes
Read 5 bytes from FIFO
and Length
≥5?
Discard packet
Clear FIFO
[RST_SET:B0 0x01]
Read remaining data
[RD_RX_FIFO:B0 0x7F]
No
Yes
RX completion?
(INT[18]/[19])
[INT_SOURCE_GRP3:B0 0x26]
Write pointer
≥128?
[RD_FIFO_LAST:B0 0x7C]
0≤Write pointer≤127?
[RD_FIFO_LAST:B0 0x7C]
Read 128 bytes
[RD_RX_FIFO:B0 0x7F]
Read 128 bytes
[RD RX FIFO:B0 0x7F]
Read 128 bytes
[RD_RX_FIFO:B0 0x7F]
Remaining amount
≥128?
Remaining amount
≥128?
Remaining amount
≥128?
No
No
No
128≤Write pointer≤255?
[RD_FIFO_LAST:B0 0x7C]
Yes
Yes
Yes
No
No
No
Yes
Yes
Yes
No
Yes
Length
≥128?
No
Time
Total Rx data
[Receive]
RX FIFO address indication (read pointer)
increments after Rx start.
After receiving 256
th byte data, the address
indication is turned to 0 and increments
again.
Start receiving
RX FIFO address indication
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com