Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2196 Datasheet(PDF) 56 Page - Dallas Semiconductor

Part # DS2196
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196 Datasheet(HTML) 56 Page - Dallas Semiconductor

Back Button DS2196 Datasheet HTML 52Page - Dallas Semiconductor DS2196 Datasheet HTML 53Page - Dallas Semiconductor DS2196 Datasheet HTML 54Page - Dallas Semiconductor DS2196 Datasheet HTML 55Page - Dallas Semiconductor DS2196 Datasheet HTML 56Page - Dallas Semiconductor DS2196 Datasheet HTML 57Page - Dallas Semiconductor DS2196 Datasheet HTML 58Page - Dallas Semiconductor DS2196 Datasheet HTML 59Page - Dallas Semiconductor DS2196 Datasheet HTML 60Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 157 page
background image
DS2196
56 of 157
RIR3A: RECEIVE INFORMATION REGISTER 3 FRAMER A (Address = 10
Hex)
(MSB)
(LSB)
RL1
RL0
JALT
LORC
LRCL
–
–
RAIS-CI
SYMBOL
POSITION
NAME AND DESCRIPTION
RL1
RIR3A.7
Receive Level Bit 1. See Table 7–1.
RL0
RIR3A.6
Receive Level Bit 0. See Table 7–1.
JALT
RIR3A.5
Jitter Attenuator Limit Trip. Set when the jitter attenuator
FIFO reaches to within 4 bits of its limit; useful for debugging
jitter attenuation operation.
LORC
RIR3A.4
Loss of Receive Clock. Set when the RCLKIA pin has not
transitioned for at least 2
ms (3 ms ± 1ms).
LRCL
RIR3A.3
Line Interface Receive Carrier Loss. Set when 192
consecutive zeros have been received at the RRING and RTIP
pins; allowed to be cleared when 14 or more 1’s out of 112
possible bit positions are received.
–
RIR3A.2
Not Assigned. Could be any value when read.
–
RIR3A.1
Not Assigned. Could be any value when read.
RAIS-CI
RIR3A.0
Receive AIS-CI Detect. Set when the AIS-CI pattern is
detected. (see note below)
RIR3B: RECEIVE INFORMATION REGISTER 3 FRAMER B
(Address = B0 Hex)
(MSB)
(LSB)
–––
LORC
–––
RAIS-CI
SYMBOL
POSITION
NAME AND DESCRIPTION
–
RIR3B.7
Not Assigned. Could be any value when read.
–
RIR3B.6
Not Assigned. Could be any value when read.
–
RIR3B.5
Not Assigned. Could be any value when read.
LORC
RIR3B.4
Loss of Receive Clock. Set when the RCLKIB pin has not
transitioned for at least 2
ms(3ms ± 1ms).
–
RIR3B.3
Not Assigned. Could be any value when read.
–
RIR3B.2
Not Assigned. Could be any value when read.
–
RIR3B.1
Not Assigned. Could be any value when read.
RAIS-CI
RIR3A.0
Receive AIS-CI Detect. Set when the AIS-CI pattern is
detected. (see note below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com